công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS2040LL bảng dữ liệu(PDF) 1 Page - Pan Jit International Inc.

tên linh kiện SS2040LL
Giải thích chi tiết về linh kiện  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS2040LL bảng dữ liệu(HTML) 1 Page - Pan Jit International Inc.

  SS2040LL Datasheet HTML 1Page - Pan Jit International Inc. SS2040LL Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
REV.0.2-NOV.06.2009
SS2040LL
FEATURES
• Surface mount package ideally suited for autonatic insertion
• Low power loss, high efficieucy
• In compliance with EU RoHS 2002/95/EC directives
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
40 Volts
2.0 Amperes
CURRENT
MECHANICAL DATA
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0168 gram
• Polarity : Color band cathode
• Marking : R4
ELECTRICAL AND THERMAL CHARACTERISTICS
Note.1 Mounted with minmum recommended pas size, PC Board FR4.
2.T
A=25
OC unless otherwise specified.
ABSOLUTE RATINGS
1
2
Cathode
Anode
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
PARAMETER
SYMBOL
VALUE
UNITS
Reverse Voltage
V
R
40
V
Peak Reversr Voltage
V
RRM
40
V
Average Rectified Current
I
F(AV)
2.0
A
Non-repetitive Peak Forward Surge Current at t=8.3ms
I
FSM
50
A
PARAMETER
SYMBOL
VALUE
UNITS
Minimum Reverse Breakdown Voltage at I
R=500μAVR
40
V
Maximum Forward Voltage at I
F=2.0A
V
F
0.45
V
Reverse Leakage Current at V
RRM
I
R
500
μA
Typical Thermal Resistance,Junction to Ambient
R θ
JA
125
OC/W
O p er a t i ng Junc t i o n and S t o r age Te m per at ur e R a ng e
T
J ,T STG
-50 to +125
OC


Số phần tương tự - SS2040LL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SS2040 SECOS-SS2040 Datasheet
174Kb / 2P
20AMP Schottky Barrier Rectifiers
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
118Kb / 3P
2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE
logo
Diotech Company.
SS2040FL DIOTECH-SS2040FL Datasheet
691Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS2040FL TAYCHIPST-SS2040FL Datasheet
3Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Mô tả tương tự - SS2040LL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com