công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS2040FL bảng dữ liệu(PDF) 1 Page - Pan Jit International Inc.

tên linh kiện SS2040FL
Giải thích chi tiết về linh kiện  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS2040FL bảng dữ liệu(HTML) 1 Page - Pan Jit International Inc.

  SS2040FL Datasheet HTML 1Page - Pan Jit International Inc. SS2040FL Datasheet HTML 2Page - Pan Jit International Inc. SS2040FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-MAR.3.2009
SS2020FL~SS20100FL
FEATURES
• Fast switching speed
• Surface mount package ideally suited for autonatic insertion
• Low power loss, high efficieucy
• In compliance with EU RoHS 2002/95/EC directives
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
20 to 100 Volts
2.0 Amperes
CURRENT
MECHANICAL DATA
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0168 gram
• Polarity : Color band cathode
ELECTRICAL AND THERMAL CHARACTERISTICS
Note.1 Mounted with minmum recommended pas size, PC Board FR4.
2.T
A=25
OC unless otherwise specified.
ABSOLUTE RATINGS
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SL
F
0
2
0
2
S
SL
F
0
3
0
2
S
SL
F
0
4
0
2
S
SL
F
0
6
0
2
S
SL
F
0
0
1
0
2
S
SS
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
M
GN
GP
GQ
GR
G
e
g
a
t
l
o
V
e
s
r
e
v
e
RV
R
0
20
30
40
60
0
1V
e
g
a
t
l
o
V
r
s
r
e
v
e
R
k
a
e
PV
M
R
R
0
20
30
40
60
0
1V
T
t
a
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
A
5
7
=
OCI
)
V
A
(
F
0
.
2A
s
m
3
.
8
=
t
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
NI
M
S
F
0
5A
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SL
F
0
2
0
2
S
SL
F
0
3
0
2
S
SL
F
0
4
0
2
S
SL
F
0
6
0
2
S
SL
F
0
0
1
0
2
S
SS
T
I
N
U
I
t
a
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
m
u
m
i
n
i
M
R
0
0
5
=
µAV
R
0
20
30
40
60
0
1V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MI
t
a
F
A
0
.
2
=V
F
5
5
.
00
7
.
05
8
.
0V
V
t
a
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
M
R
R
I
R
0
0
5
µA
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
TR θ
A
J
0
6
O
W
/
C
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
Oe
g
a
r
o
t
S
d
n
a
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
T
J T
,
T
SG
5
2
1
+
o
t
0
5
-
OC
1
2
Cathode
Anode


Số phần tương tự - SS2040FL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
118Kb / 3P
2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE
logo
Diotech Company.
SS2040FL DIOTECH-SS2040FL Datasheet
691Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS2040FL TAYCHIPST-SS2040FL Datasheet
3Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SS2040FL YENYO-SS2040FL Datasheet
237Kb / 2P
2.0A Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS2040FL SAMYANG-SS2040FL Datasheet
976Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Mô tả tương tự - SS2040FL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com