| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZR431C01 bảng dữ liệu(PDF) 6 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZR431C01 bảng dữ liệu(HTML) 6 Page - Diodes Incorporated |
|
6 / 7 page ![]() IL Input Fig 1 – Test Circuit for V z=Vref DC TEST CIRCUITS Fig 2 – Test Circuit for V z>Vref Input V I Z zoff Fig 3 – Test Circuit for Off State current ZR431 4-194 NOTES Deviation of reference input voltage, Vdev, is defined as the maximum variation of the reference input voltage over the full temperature range. The average temperature coefficient of the reference input voltage, Vref is defined as: Vref (ppm ⁄ °C)= Vdev x 1000000 Vref (T1−T2) The dynamic output impedance, Rz, is defined as: RZ = ∆V Z ∆I Z When the device is programmed with two external resistors, R1 and R2, (fig 2) , the dynamic output impedance of the overall circuit, R’, is defined as: R’ =R z (1+ R1 R2 ) Vmax Vmin Vdev = Vmax - Vmin 78 |