| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PJDLLLC05 bảng dữ liệu(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
PJDLLLC05 bảng dữ liệu(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 3 page ![]() PJDLLLC05 ELECTRICAL CHARACTERISTICS Tj = 25°C unless otherwise noted Parameter Symbol Min Units Conditions Typical Max Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20µs) Clamping Voltage (8/20µs) Off State Junction Capacitance VWRM VBR I R c V Vc Cj BR I = R V = I = pp I = pp 0 Vdc Bias f = 1MHz Between I/O pins and GND 5V 6.2 V µA 1.0 10 V 12 V 15 V pF 1.0 1mA 5V 1 A 2 A 0 Vdc Bias f = 1MHz Between I/O pins pF 1.0 Clamping Voltage (8/20µs) Vc I = pp 5 A 7/23/2009 Page.2 www.panjit.com |