công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMN2104L bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DMN2104L
Giải thích chi tiết về linh kiện  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2104L bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DMN2104L Datasheet HTML 1Page - Diodes Incorporated DMN2104L Datasheet HTML 2Page - Diodes Incorporated DMN2104L Datasheet HTML 3Page - Diodes Incorporated DMN2104L Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN2104L
Document number: DS31560 Rev. 1 - 2
1 of 4
www.diodes.com
October 2008
© Diodes Incorporated
DMN2104L
N-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Low On-Resistance
•
53m
Ω @VGS = 4.5V
•
104m
Ω @VGS = 2.5V
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections: See Diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 3)
ID
4.3
A
Pulsed Drain Current (Note 4)
IDM
15
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 3)
PD
1.4
W
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
90
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
⎯
⎯
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
500
nA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.45
⎯
1.4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
42
84
53
104
m
Ω
VGS = 4.5V, ID = 4.2A
VGS = 2.5V, ID = 3.1A
Forward Transfer Admittance
|Yfs|
⎯
6.6
⎯
S
VDS =5V, ID = 4.2A
Diode Forward Voltage (Note 5)
VSD
⎯
0.7
1.2
V
VGS = 0V, IS = 1.0A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
325
⎯
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
92
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
70
⎯
pF
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, on 2oz Copper pad layout with RθJA = 90°C/W.
4. Repetitive rating, pulse width limited by junction temperature.
5. Short duration pulse test used to minimize self-heating effect.
SOT-23
TOP VIEW
Equivalent Circuit
TOP VIEW
D
G
S
Source
Gate
Drain
Please click here to visit our online spice models database.


Số phần tương tự - DMN2104L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMN2100UDM DIODES-DMN2100UDM Datasheet
117Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS31186 Rev. 4 - 2
DMN2100UDM-7 DIODES-DMN2100UDM-7 Datasheet
117Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS31186 Rev. 4 - 2
DMN2100UDM DIODES-DMN2100UDM_15 Datasheet
207Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results

Mô tả tương tự - DMN2104L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com