công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP0150ADJ bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DP0150ADJ
Giải thích chi tiết về linh kiện  DUAL PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DP0150ADJ bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DP0150ADJ Datasheet HTML 1Page - Diodes Incorporated DP0150ADJ Datasheet HTML 2Page - Diodes Incorporated DP0150ADJ Datasheet HTML 3Page - Diodes Incorporated DP0150ADJ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DP0150ADJ / DP0150BDJ
Document number: DS31485 Rev. 3 - 2
1 of 4
www.diodes.com
April 2009
© Diodes Incorporated
DP0150ADJ / DP0150BDJ
DUAL PNP SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Ideally Suited for Automated Assembly Processes
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Ultra Small Package
Mechanical Data
•
Case: SOT-963
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.0027 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-100
mA
Base Current
IB
-30
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-50
—
—
V
IC = -10μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
—
—
V
IC = -1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
—
—
V
IE = -10μA, IC = 0
Collector Cut-Off Current
ICBO
—
—
-0.1
μA
VCB = -50V, IE = 0
Emitter Cut-Off Current
IEBO
—
—
-0.1
μA
VEB = -5V, IC = 0
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
—
-0.15
-0.3
V
IC = -100mA, IB = -10mA
DC Current Gain
DP0150ADJ
DP0150BDJ
hFE
120
—
240
—
VCE = -6V, IC = -2mA
200
—
400
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
80
—
—
MHz
VCE = -10V, IE = 1mA
f = 30MHz
Output Capactiance
Cob
—
1.6
—
pF
VCB = -10V, IE = 0,
f = 1MHz
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with minimum recommended pad layout.
4. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤2%
Device Schematic
Top View
SOT-963
6
Q1
Q2
5
4
3
1
2
Please click here to visit our online spice models database.


Số phần tương tự - DP0150ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DP0150ADJ DIODES-DP0150ADJ_15 Datasheet
89Kb / 4P
DUAL PNP SURFACE MOUNT TRANSISTOR
Rev 3
More results

Mô tả tương tự - DP0150ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transys Electronics
MMDT3906 TRSYS-MMDT3906 Datasheet
195Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4403 TRSYS-MMDT4403 Datasheet
193Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Central Semiconductor C...
CMXT2907A CENTRAL-CMXT2907A Datasheet
98Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTOR
CMXT3906 CENTRAL-CMXT3906 Datasheet
98Kb / 2P
SURFACE MOUNT DUAL PNP SILIOCON TRANSISTOR
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
DST3906DJ DIODES-DST3906DJ Datasheet
134Kb / 6P
DUAL 40V PNP SURFACE MOUNT TRANSISTOR
DS32039 Rev. 2 - 2
DST3906DJ DIODES-DST3906DJ_15 Datasheet
134Kb / 6P
DUAL 40V PNP SURFACE MOUNT TRANSISTOR
Rev 2
DP0150ADJ DIODES-DP0150ADJ_15 Datasheet
89Kb / 4P
DUAL PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Central Semiconductor C...
CMLT2907A CENTRAL-CMLT2907A_15 Datasheet
509Kb / 3P
SURFACE MOUNT SILICON DUAL PNP TRANSISTOR
logo
TT Electronics.
2N5796U TTELEC-2N5796U Datasheet
454Kb / 3P
Surface Mount Dual PNP Transistor
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com