| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DMC2004LPK bảng dữ liệu(PDF) 6 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DMC2004LPK bảng dữ liệu(HTML) 6 Page - Diodes Incorporated |
|
6 / 7 page ![]() DMC2004LPK Ordering Information (Note 5) Part Number Case Packaging DMC2004LPK-7 DFN1612-6 3000/Tape & Reel Notes: 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information C1 C1 = Marking Code YM = Date Code Marking Y = Year ex: U = 2007 M = Month ex: 9 = September Date Code Key Year 2007 2008 2009 2010 2011 2012 Code U V W X Y Z Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D Package Outline Dimensions DFN1612-6 Dim Min Max Typ A 1.55 1.68 1.60 B 1.15 1.28 1.20 C 0.20 0.30 0.25 D* ⎯ ⎯ 0.15 E** ⎯ ⎯ 0.20 F ⎯ ⎯ 0.37 G 0.47 0.53 0.50 H 0 0.05 0.02 K* ⎯ ⎯ 0.13 L ⎯ ⎯ ⎯ L1** 0.40 0.60 0.50 L2** 0.45 0.65 0.55 M** ⎯ ⎯ 0.40 N* ⎯ ⎯ 0.25 Z** ⎯ ⎯ 0.10 All Dimensions in mm G H F B K E A L1 L2 N M N Z Z R0.1 50 C D * Dimensions D, K, N Repeat 4x ** Dimensions E, L1, L2, M, Z Repeat 2x Suggested Pad Layout b X3 a X2 X1 Y1 Y Y2 X Dimensions Value (in mm) X 0.60 Y 0.65 X1 0.25 Y1 0.45 X2 0.175 Y2 0.15 X3 0.15 a 0.10 b 0.15 DMC2004LPK Document number: DS30854 Rev. 6 - 2 6 of 7 www.diodes.com September 2007 © Diodes Incorporated |