| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATMEGA16HVB bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA16HVB bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 275 page ![]() 3 8042B–AVR–06/10 ATmega16HVB/32HVB 1.2.4 VREG Output from the internal Voltage Regulator. Used for external decoupling to ensure stable regu- lator operation. For details, see ”Voltage Regulator” on page 132. 1.2.5 VREF Internal Voltage Reference for external decoupling. For details, see ”Voltage Reference and Temperature Sensor” on page 123. 1.2.6 VREFGND Ground for decoupling of Internal Voltage Reference. For details, see ”Voltage Reference and Temperature Sensor” on page 123. Do not connect to GND or SGND on PCB. 1.2.7 GND Ground 1.2.8 Port A (PA3..PA0) Port A serves as a low-voltage 4-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). As inputs, Port A pins that are externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port A also serves the functions of various special features of the ATmega16HVB/32HVB as listed in ”Alternate Functions of Port A” on page 74. 1.2.9 Port B (PB7..PB0) Port B is a low-voltage 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port B also serves the functions of various special features of the ATmega16HVB/32HVB as listed in ”Alternate Functions of Port B” on page 75. 1.2.10 Port C (PC5) Port C (PC5) is a high voltage Open Drain output port. 1.2.11 Port C (PC4..PC0) Port C is a 5-bit high voltage Open Drain bi-directional I/O port. 1.2.12 OC/OD High voltage output to drive Charge/Discharge FET. For details, see ”FET Driver” on page 148. 1.2.13 PI/NI Filtered positive/negative input from external current sense resistor, used to by the Coulomb Counter ADC to measure charge/discharge currents flowing in the battery pack. For details, see ”Coulomb Counter – Dedicated Fuel Gauging Sigma-delta ADC” on page 108. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |