công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DVR5V0W bảng dữ liệu(PDF) 5 Page - Diodes Incorporated

tên linh kiện DVR5V0W
Giải thích chi tiết về linh kiện  COMPLEX ARRAY FOR VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DVR5V0W bảng dữ liệu(HTML) 5 Page - Diodes Incorporated

  DVR5V0W Datasheet HTML 1Page - Diodes Incorporated DVR5V0W Datasheet HTML 2Page - Diodes Incorporated DVR5V0W Datasheet HTML 3Page - Diodes Incorporated DVR5V0W Datasheet HTML 4Page - Diodes Incorporated DVR5V0W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS30578 Rev. 5 - 2
5 of 5
www.diodes.com
DVR1V8W - DVR5V0W
© Diodes Incorporated
Q1
Z1
R1 = 370R
R Load
VCC = 4.3V
Vo(nom) = 3.3V
DVR3V3W
Sample Application for DVR3V3W:
VCC
9 = 4.3V
R1
7= 3700
Ω
Vo(nom) = 3.3V
Io = 100mA
Iq(typical
8) = 0.7mA @ Io = 0mA
Typical
8 Vreg(load) = 0.21V from Io = 100mA to 0mA
Q1
Z1
R1 = 250R
R Load
VCC = 3.5V
Vo(nom) = 2.5V
DVR2V5W
Sample Application for DVR2V5W:
VCC
9 = 3.5V
R1
7= 250
Ω
Vo(nom) = 2.5V
Io = 100mA
Iq(typical
8) = 0.91mA @ Io = 0mA
Typical
8 Vreg(load) = 0.13V from Io = 100mA to 0mA
Q1
Z1
R1 = 450R
R Load
VCC = 2.8V
Vo(nom) = 1.8V
DVR1V8W
Sample Application for DVR1V8W:
VCC
9 = 2.8V
R17= 450
Ω
Vo(nom) = 1.8V
Io = 100mA
Iq(typical
8) = 0.55mA @ Io = 0mA
Typical
8 Vreg(load) = 0.25V from Io = 100mA to 0mA
Notes:
7. Resistor R1 not included.
8. Typical performance shown is under setup and operating conditions specified in the sample applications.
9. Recommended VCC(min) ~ Vo(nom) + 1V.
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com