| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDR5G bảng dữ liệu(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PDR5G bảng dữ liệu(HTML) 3 Page - Diodes Incorporated |
|
3 / 3 page ![]() DS30552 Rev. 6 - 2 3 of 3 PDR5G PowerDI is a trademark of Diodes Incorporated. www.diodes.com Marking Information Notes: 7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping PDR5G-13 PowerDIä5 5000/Tape & Reel Ordering Information (Note 7) 0 1 2 3 4 0 1 2 3 4 5 I , FORWARD CURRENT (A) F Fig. 5 Forward Power Dissipation I PK I AV = 1 (DC) 0 30 180 150 120 90 60 0 100 200 300 400 V , DC REVERSE VOLTAGE (V) R Fig. 6 Operating Temperature Derating R5G = Product type marking code = Manufacturers’ code marking YYWW = Date code marking YY = Last two digits of year ex: 05 for 2005 WW = Week code 01 to 52 K = Factory Designator YYWWK R5G IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. |