| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFLS220L bảng dữ liệu(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DFLS220L bảng dữ liệu(HTML) 1 Page - Diodes Incorporated |
|
1 / 3 page ![]() DFLS220L Document number: DS30517 Rev. 5 - 2 1 of 3 www.diodes.com December 2008 © Diodes Incorporated DFLS220L PowerDI is a registered trademark of Diodes Incorporated. 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI ®123 Features • Guard Ring Die Construction for Transient Protection • Low Power Loss, High Efficiency • Patented Interlocking Clip Design for High Surge Current Capacity • High Current Capability and Low Forward Voltage Drop • Lead Free Finish, RoHS Compliant (Note 5) • "Green" Molding Compound (No Br, Sb) Mechanical Data • Case: PowerDI ®123 • Plastic Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020D • Terminal Connections: Cathode Band • Terminals: Finish – Matte Tin Annealed Over Copper leadframe. Solderable per MIL-STD-202, Method 208 • Marking Information: See Page 2 • Ordering Information: See Page 2 • Weight: 0.01 grams (approximate) Maximum Ratings @TA = 25°C unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 20 V RMS Reverse Voltage VR(RMS) 14 V Average Forward Current IF(AV) 2.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load IFSM 40 A Thermal Characteristics Characteristic Symbol Value Unit Power Dissipation (Note 1) PD 1.67 W Power Dissipation (Note 2) PD 556 mW Thermal Resistance Junction to Ambient (Note 1) RθJA 60 °C/W Thermal Resistance Junction to Ambient (Note 2) RθJA 180 °C/W Thermal Resistance Junction to Soldering (Note 3) RθJS 10 °C/W Operating Temperature Range TJ -55 to +125 °C Storage Temperature Range TSTG -55 to +150 °C Electrical Characteristics @TA = 25°C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Condition Reverse Breakdown Voltage (Note 4) V(BR)R 20 ⎯ ⎯ V IR = 1.0mA Forward Voltage VF ⎯ ⎯ 0.32 0.375 0.36 0.42 V IF = 1.0A IF = 2.0A Leakage Current (Note 4) IR ⎯ ⎯ 0.26 ⎯ ⎯ 1.0 mA VR = 5V, TA = 25°C VR = 20V, TA = 25°C Total Capacitance CT ⎯ 75 ⎯ pF VR = 10V, f = 1.0MHz Notes: 1. Part mounted on 50.8mm X 50.8mm GETEK board with 25.4mm X 25.4mm copper pad, 25% anode, 75% cathode. TA = 25°C. 2. Part mounted on FR-4 board with 1.8mm X 2.5mm cathode and 1.8mm X 1.2mm anode, 1 oz. copper pads. TA = 25°C. 3. Theoretical RθJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction. 4. Short duration pulse test used to minimize self-heating effect. 5. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes. Top View Please click here to visit our online spice models database. |
Số phần tương tự - DFLS220L_08 |
|
Mô tả tương tự - DFLS220L_08 |