công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDS835L-13 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện PDS835L-13
Giải thích chi tiết về linh kiện  8A LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS835L-13 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  PDS835L-13 Datasheet HTML 1Page - Diodes Incorporated PDS835L-13 Datasheet HTML 2Page - Diodes Incorporated PDS835L-13 Datasheet HTML 3Page - Diodes Incorporated PDS835L-13 Datasheet HTML 4Page - Diodes Incorporated PDS835L-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDS835L
Document number: DS30488 Rev. 10 - 2
1 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS835L
PowerDI is a registered trademark of Diodes Incorporated.
8A LOW VF SCHOTTKY BARRIER RECTIFIER
PowerDI
®5
Features
•
Guard Ring Die Construction for Transient Protection
•
Low Forward Voltage Drop
•
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
•
High Forward Surge Current Capability
•
Lead Free Finish, RoHS Compliant (Note 1)
•
"Green" Molding Compound (No Br, Sb)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: PowerDI
®5
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.094 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
PDS835L-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
S835L = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year (ex: 04 for 2004)
WW = Week code (01 - 53)
K = Factory Designator
YYWWK
S835L


Số phần tương tự - PDS835L-13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
PDS835L-13 DIODES-PDS835L-13 Datasheet
94Kb / 3P
8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 7 - 2
PDS835L-13 DIODES-PDS835L-13 Datasheet
122Kb / 5P
8A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 11
More results

Mô tả tương tự - PDS835L-13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
MBRD835L DIODES-MBRD835L Datasheet
62Kb / 2P
8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30284 Rev. B-2
SBM835L DIODES-SBM835L Datasheet
59Kb / 2P
8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30225 Rev. 1 - 1
PDS835L DIODES-PDS835L Datasheet
94Kb / 3P
8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 7 - 2
PDS835L DIODES-PDS835L_15 Datasheet
122Kb / 5P
8A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 11
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
S545U JINANJINGHENG-S545U Datasheet
70Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SD8U60SL LUGUANG-SD8U60SL Datasheet
2Mb / 4P
8A/60V Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com