| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101F2P6 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2P6 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 81 page ![]() STM8L101xx Pin description Doc ID 15275 Rev 11 17/81 Figure 5. Standard 28-pin UFQFPN package pinout 1. HS corresponds to 20 mA high sink/source capability. 2. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). Note: The COMP_REF pin is not available in this standard 28-pin UFQFPN package. It is available on Port A6 in the 28-pin UFQFPN package pinout for STM8L101G3U6ATR and STM8L101G2U6ATR part numbers (Figure 6 on page 18). PA5 (HS) / TIM3_BKIN VSS VDD NRST / PA1 (HS) PA2 (HS) PA3 (HS) PA4 (HS) / TIM2_BKIN PB6 (HS) / SPI_MOSI PB5 (HS) / SPI_SCK PB4 (HS) / SPI_NSS PB3 (HS) / TIM2_TRIG / COMP2_CH2 PC0 / I²C_SDA PD4 (HS) PB7 (HS) / SPI_MISO 2 1 3 4 5 6 7 9 8 10 11 12 13 14 20 21 19 18 17 16 15 27 28 26 25 24 23 22 |