| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101F2T3 bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2T3 bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 81 page ![]() STM8L101xx Electrical parameters Doc ID 15275 Rev 11 41/81 9.3.2 Power-up / power-down operating conditions Table 17. Operating conditions at power-up / power-down Symbol Parameter Conditions Min Typ Max Unit tVDD VDD rise time rate 20 - 1300 µs/V tTEMP Reset release delay VDD rising - 1 - ms VPOR (1) 1. Data based on characterization results, not tested in production. Power on reset threshold 1.35 - 1.65(2) 2. Data guaranteed, each individual device tested in production. V VPDR (1) Power down reset threshold 1.40 - 1.60 V |