| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L152C4Y6 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C4Y6 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 122 page ![]() STM8L151xx, STM8L152xx Pin description Doc ID 15962 Rev 5 33/122 15 - - - PE1/TIM1_CH2N /LCD_SEG2(2) I/O X XX HS X X Port E1 Timer 1 - inverted channel 2 / LCD segment 2 16 - - - PE2/TIM1_CH3N /LCD_SEG3(2) I/O X XX HS X X Port E2 Timer 1 - inverted channel 3 / LCD segment 3 17 - - - PE3/LCD_SEG4(2) I/O X XX HS X X Port E3 LCD segment 4 18 - - - PE4/LCD_SEG5(2) I/O X XX HS X X Port E4 LCD segment 5 19 - - - PE5/LCD_SEG6(2)/ ADC1_IN23/COMP2_INP/ COMP1_INP I/O X XX HS X X Port E5 LCD segment 6 / ADC1_IN23 / Comparator 2 positive input / Comparator 1 positive input 47 - - - PE6/LCD_SEG26(2)/ PVD_IN I/O X XX HS X X Port E6 LCD segment 26/PVD_IN 48 - - - PE7/LCD_SEG27(2) I/O X XX HS X X Port E7 LCD segment 27 32 - - - PF0/ADC1_IN24/ DAC_OUT I/O X XX HS X X Port F0 ADC1_IN24 / DAC_OUT 13 9 - - VLCD(2) S LCD booster external capacitor 13 - - - Reserved(7) Reserved. Must be tied to VDD 10 - - - VDD S Digital power supply 11 - - - VDDA S Analog supply voltage 12 - - - VREF+ S ADC1 and DAC positive voltage reference -8 7 G4 VDD1/VDDA/VREF+ S Digital power supply / Analog supply voltage / ADC1 positive voltage reference 97 6 F4 VSS1/VSSA/VREF- S I/O ground / Analog ground voltage / ADC1 negative voltage reference 39 - - - VDD2 S IOs supply voltage Table 5. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |