| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L151C6U3 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C6U3 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 122 page ![]() Pin description STM8L151xx, STM8L152xx 32/122 Doc ID 15962 Rev 5 22 11 10 E4 PD2/TIM1_CH1 /LCD_SEG8(2)/ ADC1_IN20/COMP1_INP I/O X XX HS X X Port D2 Timer 1 - channel 1 / LCD segment 8 / ADC1_IN20 / Comparator 1 positive input 23 12 - - PD3/ TIM1_TRIG/ LCD_SEG9(2)/ADC1_IN1 9/COMP1_INP I/O X XX HS X X Port D3 Timer 1 - trigger / LCD segment 9 / ADC1_IN19 / Comparator 1 positive input -- 11 F3 PD3/ TIM1_TRIG/ LCD_SEG9(2)/ ADC1_IN19/TIM1_BKIN/ COMP1_INP/ RTC_CALIB I/O X XX HS X X Port D3 Timer 1 - trigger / LCD segment 9 / ADC1_IN19 / Timer 1 break input / RTC calibration / Comparator 1 positive input 33 21 20 C1 PD4/TIM1_CH2 /LCD_SEG18(2)/ ADC1_IN10/COMP1_INP I/O X XX HS X X Port D4 Timer 1 - channel 2 / LCD segment 18 / ADC1_IN10/ Comparator 1 positive input 34 22 - - PD5/TIM1_CH3 /LCD_SEG19(2)/ ADC1_IN9/COMP1_INP I/O X XX HS X X Port D5 Timer 1 - channel 3 / LCD segment 19 / ADC1_IN9/ Comparator 1 positive input 35 23 - - PD6/TIM1_BKIN /LCD_SEG20(2)/ ADC1_IN8/RTC_CALIB/ VREF_OUT/ COMP1_INP I/O X XX HS X X Port D6 Timer 1 - break input / LCD segment 20 / ADC1_IN8 / RTC calibration / Voltage reference output / Comparator 1 positive input 36 24 - - PD7/TIM1_CH1N /LCD_SEG21(2)/ ADC1_IN7/RTC_ALARM/ VREF_OUT/ COMP1_INP I/O X XX HS X X Port D7 Timer 1 - inverted channel 1/ LCD segment 21 / ADC1_IN7 / RTC alarm / Voltage reference output /Comparator 1 positive input 14 - - - PE0(4)/LCD_SEG1(2) I/O FT X XX HS X X Port E0 LCD segment 1 Table 5. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |