| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP1609 bảng dữ liệu(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP1609 bảng dữ liệu(HTML) 3 Page - Diodes Incorporated |
|
3 / 9 page ![]() AP1609 PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER AP1609 Rev. 2 3 of 9 FEBRUARY 2009 www.diodes.com © Diodes Incorporated Block Diagram Phase Compensation Vref with CE + - PWM/PFM Controller + - Ramp Wave Generator, OSC Buffer, Driver FB CE PGND LX PWM Comparator GND Vcc Absolute Maximum Ratings Symbol Parameter Ratings Units VCC VIN Pin Voltage -0.3 ~ 7 V VFB FB Pin Voltage -0.3 ~ VCC +0.3 V VCE CE Pin Voltage -0.3 ~ VCC +0.3 V VSW Switch Voltage (LX to GND) -0.3 ~ 18 V ILX Switch Current -3 ~ 0.2 A PD Continuous Total Power Dissipation 1200 mW TOPR Operating Ambient Temperature -20 ~ +80 oC TSTG Storage Temperature -20 ~ +125 oC |