công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA7583 bảng dữ liệu(PDF) 5 Page - Sanyo Semicon Device

tên linh kiện LA7583
Giải thích chi tiết về linh kiện  IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7583 bảng dữ liệu(HTML) 5 Page - Sanyo Semicon Device

  LA7583 Datasheet HTML 1Page - Sanyo Semicon Device LA7583 Datasheet HTML 2Page - Sanyo Semicon Device LA7583 Datasheet HTML 3Page - Sanyo Semicon Device LA7583 Datasheet HTML 4Page - Sanyo Semicon Device LA7583 Datasheet HTML 5Page - Sanyo Semicon Device LA7583 Datasheet HTML 6Page - Sanyo Semicon Device LA7583 Datasheet HTML 7Page - Sanyo Semicon Device LA7583 Datasheet HTML 8Page - Sanyo Semicon Device LA7583 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Equivalent Circuit Block Diagram
Multinetwork PLL (Automatic Adjustment Control)
The LA7583’s PIF detector uses a multinetwork PLL and a buzz canceller. The multinetwork PLL is a PLL detector that was
developed in order to eliminate the need for adjustments in video detection.
This PLL detector offers the following features:
(1) Eliminates the need for adjustments in video detection.
(2) The PLL detection characteristics are unaltered.
a. Offers better waveform response characteristics in comparison with the quasi-synchronous detection method.
b. The harmonic wave component of the video signal (demodulated output) is reduced.
c. The 1/2 IF signal suppression ratio is improved.
(3) Audio buzz is greatly reduced by the buzz canceller.
A typical PLL detector consists of the blocks shown below.
In these blocks, if the VCO coil is not adjusted to the IF frequency, a phase difference will appear in the control loop. As a result,
the PLL detector detection axis will shift from the ideal 180 °. The group delay, DP characteristics, etc., deteriorate as a result.
LA7583
No.5177-5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15