công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXMS6006DT8 bảng dữ liệu(PDF) 3 Page - Diodes Incorporated

tên linh kiện ZXMS6006DT8
Giải thích chi tiết về linh kiện  60V DUAL N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6006DT8 bảng dữ liệu(HTML) 3 Page - Diodes Incorporated

  ZXMS6006DT8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6006DT8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6006DT8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6006DT8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6006DT8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6006DT8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6006DT8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6006DT8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6006DT8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZXMS6006DT8
Document number: DS35143 Rev. 1 - 2
3 of 9
www.diodes.com
December 2010
© Diodes Incorporated
ZXMS6006DT8
A Product Line of
Diodes Incorporated
IntelliFET
® is a trademark of Diodes Incorporated, registered in the United States and other jurisdictions worldwide.
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage For Short Circuit Protection
VDS(SC)
16
V
Continuous Input Voltage
VIN
-0.5 ... +6
V
Continuous Input Current @-0.2V
≤ VIN ≤ 6V
Continuous Input Current @VIN < -0.2V or VIN > 6V
IIN
No limit
│IIN │≤2
mA
Pulsed Drain Current @VIN = 3.3V ( Note 6)
IDM
11
A
Pulsed Drain Current @VIN = 5V ( Note 6)
IDM
13
A
Continuous Source Current (Body Diode) (Note 4)
IS
2
A
Pulsed Source Current (Body Diode)
ISM
12
A
Unclamped Single Pulse Inductive Energy,
TJ = 25°C, ID = 0.5A, VDD = 24V
EAS
210
mJ
Electrostatic Discharge (Human Body Model)
VESD
4000
V
Charged Device Model
VCDM
1000
V
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Power Dissipation at TA = 25°C (Notes 4 & 7)
Linear Derating Factor
PD
1.16
9.28
W
mW/
°C
Power Dissipation at TA = 25°C (Notes 4 & 8)
Linear Derating Factor
PD
1.67
13.3
W
mW/
°C
Power Dissipation at TA = 25°C (Notes 5 & 7)
Linear Derating Factor
PD
2.13
17
W
mW/
°C
Thermal Resistance, Junction to Ambient (Notes 4 & 7)
RθJA
108
°C/W
Thermal Resistance, Junction to Ambient (Notes 4 & 8)
RθJA
75
°C/W
Thermal Resistance, Junction to Case (Notes 5 & 7)
RθJC
58.7
°C/W
Thermal Resistance, Junction to Case (Note 9)
RθJC
26.5
°C/W
Operating Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
4. For a dual device surface mounted on a 25mm x 25mm single sided 1oz weight copper split down the middle on 1.6mm FR4 board, in still air conditions.
5. For a dual device surface mounted on FR4 PCB measured at t
≤ 10sec
6. Repetitive rating25mm x 25mm FR4 PCB, D = 0.02, Pulse width = 300µs – pulse width limited by junction temperature. Refer to transient thermal
impedance graph.
7. For a dual device with one active die.
8. For a dual device with 2 active die running at equal power.
9. Thermal resistance from junction to the mounting surface of the drain pin.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com