| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FX929AP4 bảng dữ liệu(PDF) 21 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX929AP4 bảng dữ liệu(HTML) 21 Page - CML Microcircuits |
|
21 / 44 page ![]() 4-Level FSK Modem Data Pump FX929A © 1996 Consumer Microcircuits Limited 21 D/929A/4 t3 t3 t3 Modem Rx input Symbols to De-interleave circuit Data from Data Block Buffer Task to Command Register for task #1 for task #2 for task #3 1 2 3 1 2 3 t6 t6 t6 t7 t7 t7 BFREE bit Figure 11 Receive Task Timing Diagram Task Time (symbol times) t3 Time to receive all symbols of task SFS 25 (minimum) SFP 48 (minimum) RSID 23 RHB/RILB 69 R4S 4 t6 Maximum time between first symbol of task SFS 21 entering the de-interleave circuit and the SFP 21 task being written to modem. RSID 15 RHB/RILB 51 R4S 3 t7 Maximum time from the last bit of the task Any 1 entering the de-interleave circuit to BFREE going to a logic '1' (high) RRC Filter Delay The previous task timing figures are based on the signal at the input to the RRC filter (in transmit mode) or the input to the de-interleave buffer (in receive mode). There is an additional delay of about 8 symbol times through to the RRC filter in both transmit and receive modes, as illustrated below: Symbol-times Tx Symbol to RRC Filter Rx Symbo l to D e-int erleave Buffer Tx Symbol at Txop pin / Rx Symbo l from FM discriminator Figure 12 RRC Low Pass Filter Delay |