| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FX643D4 bảng dữ liệu(PDF) 14 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX643D4 bảng dữ liệu(HTML) 14 Page - CML Microcircuits |
|
14 / 14 page ![]() Call Progress Tone Detector FX643 Handling precautions: This product includes input protection, however, precautions should be taken to prevent device damage from electro-static discharge. CML does not assume any responsibility for the use of any circuitry described. No IPR or circuit patent licences are implied. CML reserves the right at any time without notice to change the said circuitry and this product specification. CML has a policy of testing every product shipped using calibrated test equipment to ensure compliance with this product specification. Specific testing of all circuit parameters is not necessarily performed. CONSUMER MICROCIRCUITS LIMITED 1 WHEATON ROAD Telephone: +44 1376 513833 WITHAM - ESSEX CM8 3TD - ENGLAND Telefax: +44 1376 518247 1.7.2 Packaging Figure 7 P1 Mechanical Outline: Order as part no. FX643P1 Figure 8 D4 Mechanical Outline: Order as part no. FX643D4 |