| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IC-WDCEVALWD2D bảng dữ liệu(PDF) 11 Page - IC-Haus GmbH |
|
|
|||||||||||||||||||||||||||||
IC-WDCEVALWD2D bảng dữ liệu(HTML) 11 Page - IC-Haus GmbH |
|
11 / 12 page ![]() iC-WD A/B/C SWITCHED-MODE DUAL VOLTAGE REGULATOR Rev D1, Page 11/12 EVALUATION BOARD For the iC-WD devices an Evaluation Board is avail- able for test purpose. The following figures show the schematic as well as the layout of the Evaluation Board. VB VCC VCCA GND GND GND NER VH RVB 1 Ω 220 µH LVH CVH 4.7 µF 1 µF CVCCA 4.7 µF CVB DNER LED VREF iC−WD 1.2 k Ω RNER 4.7 µF CVCC NER 1 GND 4 VCCA 7 VCC 6 VH 5 VB 8 VBR 2 VHL 3 ERROR DETECTION SWITCHING REGULATOR VH OSCILLATOR THERMAL LOW VOLTAGE REFERENCE REG VCC REG VCCA SHUTDOWN Figure 8: Schematic diagram of the Evaluation Board Figure 9: Evaluation Board (components side) This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein, design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data. Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source. iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of the product. iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade mark rights of a third party resulting from processing or handling of the product and/or any other use of the product. |