công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-WD bảng dữ liệu(PDF) 2 Page - IC-Haus GmbH

tên linh kiện IC-WD
Giải thích chi tiết về linh kiện  SWITCHED-MODE DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WD bảng dữ liệu(HTML) 2 Page - IC-Haus GmbH

  IC-WD Datasheet HTML 1Page - IC-Haus GmbH IC-WD Datasheet HTML 2Page - IC-Haus GmbH IC-WD Datasheet HTML 3Page - IC-Haus GmbH IC-WD Datasheet HTML 4Page - IC-Haus GmbH IC-WD Datasheet HTML 5Page - IC-Haus GmbH IC-WD Datasheet HTML 6Page - IC-Haus GmbH IC-WD Datasheet HTML 7Page - IC-Haus GmbH IC-WD Datasheet HTML 8Page - IC-Haus GmbH IC-WD Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 2/12
DESCRIPTION
The device iC-WD is a monolithic switching regula-
tor with two downstream 5 V resp. 3.3 V linear reg-
ulators. In view of the high efficiency of the down
converter for an input voltage range of 8 to 36 V, the
iC-WD family is well-suited for industrial applications
which require a stabilised 5 V resp. 3.3 V power sup-
ply with minimal power dissipation and few compo-
nents.
Switching transistor, free-wheeling diode and oscil-
lator are integrated, limiting the necessary external
elements for the switching regulator to the inductor,
the back-up capacitor and one resistor. This resistor
determines the regulator’s cut-off current and thus its
efficiency in the particular application at hand.
The downstream linear regulators feature a low resid-
ual ripple even with relatively small smoothing capac-
itors in the µF range. The output voltages have an
internal reference and are specified ±5% in the en-
tire operating and temperature range. The use of two
mutually independent linear regulators makes it pos-
sible to isolate the voltage supply of sensitive ana-
logue circuits or sensors from the supply for digital
and driver devices.
The chip temperature and the output voltages are
monitored. A fault is signalled via the current-limited
open-collector output NER, for example by an LED
display or a logical link with other error signals from
the system.
In the event of overtemperature, the
switching regulator is disabled to reduce the power
dissipation of the chip.
PACKAGES SO8, SO8tp, DFN10 to JEDEC Standard
PIN CONFIGURATION SO8, SO8tp
(top view)
1
VHL
GND
VBR
NER
2
3
4
VCC
VH
VCCA
VB
8
7
6
5
PIN FUNCTIONS
No. Name Function
1 NER
Error Output
2 VBR
Pin for shunt
3 VHL
Pin for inductor
4 GND
Ground (reference voltage)
5 VH
Intermediate Voltage
6 VCC
Output (200 mA)
7 VCCA Output (25 mA)
8 VB
Supply Voltage
The Thermal Pad (optional) is to be connected to a Ground Plane on the PCB.
PIN CONFIGURATION DFN10
(top view)
5
2
1
3
4
7
8
6
9
10
...
...yyww
iC−WDx
PIN FUNCTIONS
No. Name Function
1 NER
Error Output
2 n.c.
3 VBR
Pin for shunt
4 VHL
Pin for inductor
5 GND
Ground (reference voltage)
6 GND
Ground (reference voltage)
7 VH
Intermediate Voltage
8 VCC
Output (200 mA)
9 VCCA Output (25 mA)
10 VB
Supply Voltage
The Thermal Pad is to be connected to a Ground Plane on the PCB.
Orientation of the package label (
WDx ...yyww) may vary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com