| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EV6000 bảng dữ liệu(PDF) 16 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV6000 bảng dữ liệu(HTML) 16 Page - CML Microcircuits |
|
16 / 18 page ![]() Evaluation Kit User Manual for PIC Board EV6000 © 1996 Consumer Microcircuits Limited 16 UM6000/3 >20,01,07,20,02,40,02,01376-13833.11,01,20,02,xx,xx, 1, 2, 3, 1, 4, 5, 6, 7, 6, 7, 1, 4, 8. where 1 is the DLE character 2 is the SOH character 3 is the Header character 4 is the STX character 5 is the Service type word 6 is the Parameter type word 7 is the Parameter characters or data 8 is the 16 bit checksum On the EV6020 board, relay 3 is energised during the FSK receive period. Components can be fitted in positions R30, R36 and C10 to provide an ac termination to the line. |