| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MX802 bảng dữ liệu(PDF) 22 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
MX802 bảng dữ liệu(HTML) 22 Page - CML Microcircuits |
|
22 / 24 page ![]() DVSR CODEC 22 MX802 1998 MX-COM, Inc. www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054 Doc. # 20480033.008 4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA All trademarks and service marks are held by their respective companies. Notes: 1. Minimum Timing Values a. For all commands except “Read Data” and “Write Data” Commands. b. For all “Read Data” and Write Data” commands when no “Speech Store” or “Speech Play” commands are active. c. For “Read Data” and “Write Data” commands when “Speech Store” or “Speech Play” commands are active. 2. Depending on the command, 1 or 2 bytes of Command Data are transmitted to the peripheral MSB (bit7) first and LSB (bit0) last. Reply data is read from the peripheral MSB (bit7) first and LSB (bit0) last. 3. To allow for different microcontroller serial interface formats, C-BUS compatible ICs are able to work with either polarity Serial Clock pulses. 4. Data is clocked into and out of the peripheral on the rising Serial clock edge. 5. Loaded commands are acted upon at the end each command. CHIP SELECT SERIAL CLOCK COMMAND DATA REPLY DATA ADDRESS/COMMAND BYTE FIRST DATA BYTE LAST DATA BYTE FIRST REPLY DATA BYTE LAST REPLY DATA BYTE Logic level is not important MSB LSB 7 6 5 4 3 2 1 0 7 6 5 4321 0 7 6 5 4 32 10 MSB LSB 7654321 0 7 6 54 32 1 0 t t t CSOFF t CSH HIZ t NXT t NXT CK t CSE Figure 9: C-BUS Timing Information Figure 10: Codec Direct Access Timing |