| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMX615 bảng dữ liệu(PDF) 17 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX615 bảng dữ liệu(HTML) 17 Page - CML Microcircuits |
|
17 / 26 page ![]() Digital Line to POTS Interface CMX615 © 1999 Consumer Microcircuits Limited 17 D/615/4 CCITT ‘R1’ Signalling Tones Field 2 (Hz) (Hex) 700+900 $12 700+1100 $13 900+1100 $23 700+1300 $14 900+1300 $24 1100+1300 $34 700+1500 $15 900+1500 $25 1100+1500 $35 1300+1500 $45 700+1700 $16 900+1700 $26 1100+1700 $36 1300+1700 $46 1500+1700 $56 CCITT ‘R2’ Signalling Tones Forward mode Backward mode Field 3 Field 3 (Hz) (Hex) (Hz) (Hex) Off $00 Off $00 1380+1500 $89 1140+1020 $65 1380+1620 $8A 1140+900 $64 1500+1620 $9A 1020+900 $54 1380+1740 $8B 1140+780 $63 1500+1740 $9B 1020+780 $53 1620+1740 $AB 900+780 $43 1380+1860 $8C 1140+660 $62 1500+1860 $9C 1020+660 $52 1620+1860 $AC 900+660 $42 1740+1860 $BC 780+660 $32 1380+1980 $8D 1140+540 $61 1500+1980 $9D 1020+540 $51 1620+1980 $AD 900+540 $41 1740+1980 $BD 780+540 $31 1860+1980 $CD 660+540 $21 1.6.2 ‘C-BUS Timing The relationship between bytes loaded onto the C-BUS and the transmission of FSK bytes is shown diagrammatically in Figures 7a, 7b and 7c. There are many ways in which the C-BUS can be used to program a device and three suggestions (one for asynchronous FSK - Figure 7a - and two for synchronous FSK -Figures 7b and 7c) are shown here, together with typical timings. Please note that the C-BUS timing is not shown to the same scale as the FSK output (it has been magnified by at least 20 times to make it visible on the same scale). |