công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMX602AD4 bảng dữ liệu(PDF) 21 Page - CML Microcircuits

tên linh kiện CMX602AD4
Giải thích chi tiết về linh kiện  Calling Line Identifier plus Call Waiting (Type II)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CMLMICRO [CML Microcircuits]
Trang chủ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX602AD4 bảng dữ liệu(HTML) 21 Page - CML Microcircuits

Back Button CMX602AD4 Datasheet HTML 17Page - CML Microcircuits CMX602AD4 Datasheet HTML 18Page - CML Microcircuits CMX602AD4 Datasheet HTML 19Page - CML Microcircuits CMX602AD4 Datasheet HTML 20Page - CML Microcircuits CMX602AD4 Datasheet HTML 21Page - CML Microcircuits CMX602AD4 Datasheet HTML 22Page - CML Microcircuits CMX602AD4 Datasheet HTML 23Page - CML Microcircuits CMX602AD4 Datasheet HTML 24Page - CML Microcircuits CMX602AD4 Datasheet HTML 25Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Calling Line Identifier
CMX602A
© 1998 Consumer Microcircuits Limited
21
D/602A/4
Notes
Min.
Typ.
Max.
Units
FSK Receiver
Transmission rate
1188
1200
1212
Baud
V23 Mark (logical 1) frequency
1280
1300
1320
Hz
V23 Space (logical 0) frequency
2068
2100
2132
Hz
Bell202 Mark (logical 1) frequency
1188
1200
1212
Hz
Bell202 Space (logical 0) frequency
2178
2200
2222
Hz
Valid input level range
4
-40.0
-8.0
dBV
Acceptable twist (mark level wrt space level)
V23
-7.0
+7.0
dB
Bell202
-10.0
+10.0
dB
Acceptable Signal to Noise ratio
V23
5
20.0
dB
Bell202
5
30.0
dB
Level Detector 'on' threshold level
4
-40.0
dBV
Level Detector 'off' to 'on' time (Fig 4 Teon)
25.0
ms
Level Detector 'on' to 'off' time (Fig 4 Teoff)
8.0
ms
Input Signal Amplifier
Input impedance
7
10.0
M
Ω
Voltage gain
500
V/V
XTAL Input
'High' pulse width
8
100
ns
'Low' pulse width
8
100
ns
Notes:
1.
At 25
°C, not including any current drawn from the CMX602A pins by external circuitry
other than X1, C1 and C2.
2.
RD, MODE, RXCK inputs at VSS, ZP input at VDD. See also Figure 11.
3.
All conditions must be met to ensure detection.
4.
For VDD = 5.0V with equal level tones and with the input signal amplifier external components
as section 1.4. The internal threshold levels are proportional to VDD. To cater for other supply
voltages or different signal level ranges the voltage gain of the input signal amplifier should be
adjusted by selecting the appropriate external components as described in section 1.5
5.
Flat noise in 300 - 3400Hz band for V23, 200 - 3200Hz for Bell202.
6.
Meeting any of these conditions will ensure non-detection.
7.
Open loop, small signal low frequency measurements.
8.
Timing for an external input to the CLOCK/XTAL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com