| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP02002 bảng dữ liệu(PDF) 28 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 bảng dữ liệu(HTML) 28 Page - Diodes Incorporated |
|
28 / 32 page ![]() AP02002 Rev. 44 28 of 32 www.diodes.com Package Outline Dimensions © Diodes Incorporated MB MB-W C A G E B H (AC) (AC) (+) ( - ) H J A C MB Dim Min Max A 28.40 28.70 B 10.97 11.23 C 15.50 17.60 E 22.86 25.40 G 13.30 15.30 H Hole for #10 screw 4.85 ∅ 5.59 ∅ J 17.10 19.10 K 10.40 12.40 L 0.97 ∅ Typ 1.07∅ M 30.50 ⎯ N 10.97 11.23 All Dimensions in mm K A M N H H L J A J (AC) (AC) ( - ) ( + ) MB-W Dim Min Max A 28.40 28.70 B 10.97 11.23 C 15.50 17.60 E 22.86 25.40 G 13.30 15.30 H Hole for #10 screw 4.85 ∅ 5.59 ∅ J 17.10 19.10 K 10.40 12.40 L 0.97 ∅ Typ 1.07 ∅ M 30.50 ⎯ N 10.97 11.23 All Dimensions in mm PBPC-3 / PBPC-6 PBPC-8 A E G H C B A E D AC AC + - PBPC-3 / PBPC-6 Dim Min Max A 14.73 15.75 B 5.84 6.86 C 19.00 ⎯ D 0.76 ∅ Typ E 1.70 3.20 G Hole for #6 screw 3.60 ∅ 4.00 ∅ H 10.30 11.30 All Dimensions in mm A E G J H C B A E D AC AC + - PBPC-8 Dim Min Max A 18.54 19.56 B 6.35 7.60 C 22.20 ⎯ D 1.27 ∅ Typ E 5.33 7.37 G 3.60 ∅ 4.00 ∅ H 12.70 Typ J 2.38 X 45 ° Typ All Dimensions in mm PBU - ~ ~ + B C D H M N P A E L K J G PBU Dim Min Max A 22.70 23.70 B 3.80 4.10 C 4.20 4.70 D 1.70 2.20 E 10.30 11.30 G 4.50 6.80 H 4.80 5.80 J 25.40 ⎯ K ⎯ 19.30 L 16.80 17.80 M 6.60 7.10 N 4.70 5.20 P 1.20 1.30 All Dimensions in mm |