công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-LSCOBGALS2C bảng dữ liệu(PDF) 3 Page - IC-Haus GmbH

tên linh kiện IC-LSCOBGALS2C
Giải thích chi tiết về linh kiện  -CHANNEL ACTIVE PHOTOSENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSCOBGALS2C bảng dữ liệu(HTML) 3 Page - IC-Haus GmbH

  IC-LSCOBGALS2C Datasheet HTML 1Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 2Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 3Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 4Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 5Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 6Page - IC-Haus GmbH IC-LSCOBGALS2C Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
iC-LSC
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Rev C1, Page 3/7
PIN CONFIGURATION
oQFN32-N5x5 (5 mm x 5 mm)
PIN FUNCTIONS
No. Name Function
1 VCC
+4...5.5 V Supply Voltage
2 n.c.
3 A1
Highside Current Source Output
4 B1
Highside Current Source Output
5 C1
Highside Current Source Output
6 D1
Highside Current Source Output
7 E1
Highside Current Source Output
8 F1
Highside Current Source Output
9...16 n.c.
17 F2
Highside Current Source Output
18 E2
Highside Current Source Output
19 D2
Highside Current Source Output
20 C2
Highside Current Source Output
21 B2
Highside Current Source Output
22 A2
Highside Current Source Output
23 n.c.
24 GND
Ground
25...32 n.c.
PIN CONFIGURATION
oBGA LS2C (6.2 mm x 5.2 mm)
PIN FUNCTIONS
No. Name Function
1 VCC
+4...5.5 V Supply Voltage
2 A1
Highside Current Source Output
3 B1
Highside Current Source Output
4 C1
Highside Current Source Output
5 D1
Highside Current Source Output
6 E1
Highside Current Source Output
7 F1
Highside Current Source Output
8 F2
Highside Current Source Output
9 E2
Highside Current Source Output
10 D2
Highside Current Source Output
11 C2
Highside Current Source Output
12 B2
Highside Current Source Output
13 A2
Highside Current Source Output
14 GND
Ground
Pin numbers marked n.c. are not in use. For dimensional specifications refer to the relevant package data
sheets, available separately.
IC top markings, such as <PRODUCT ID>, <ASSY CODE> or <LOT CODE>, indicate the orientation of the
device.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com