| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TIP41C bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TIP41C bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() November 2007 Rev 2 1/12 12 TIP41C TIP42C Complementary power transistors Features ■ Complementary PNP-NPN devices ■ New enhanced series ■ High switching speed ■ hFE grouping ■ hFE improved linearity Applications ■ General purpose circuits ■ Audio amplifier ■ Power linear and switching Description The TIP41C is a base island technology NPN power transistor in TO-220 plastic package that make this device suitable for audio, power linear and switching applications. The complementary PNP type is TIP42C . Figure 1. Internal schematic diagram TO-220 1 2 3 Table 1. Device summary Order code Marking Package Packaging TIP41C (Note 1 on page 4) TIP41C R TIP41C O TIP41C Y TO-220 Tube TIP42C (Note 1 on page 4) TIP42C R TIP42C O TIP42C Y TO-220 Tube www.st.com |
Số phần tương tự - TIP41C_07 |
|
Mô tả tương tự - TIP41C_07 |