công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STCL1160YBFCWY7 bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện STCL1160YBFCWY7
Giải thích chi tiết về linh kiện  High frequency silicon oscillator family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1160YBFCWY7 bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button STCL1160YBFCWY7 Datasheet HTML 3Page - STMicroelectronics STCL1160YBFCWY7 Datasheet HTML 4Page - STMicroelectronics STCL1160YBFCWY7 Datasheet HTML 5Page - STMicroelectronics STCL1160YBFCWY7 Datasheet HTML 6Page - STMicroelectronics STCL1160YBFCWY7 Datasheet HTML 7Page - STMicroelectronics STCL1160YBFCWY7 Datasheet HTML 8Page - STMicroelectronics STCL1160YBFCWY7 Datasheet HTML 9Page - STMicroelectronics STCL1160YBFCWY7 Datasheet HTML 10Page - STMicroelectronics STCL1160YBFCWY7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STCL1100 STCL1120 STCL1160
Typical application circuit
Doc ID 13337 Rev 5
7/18
3
Typical application circuit
Figure 2.
Microprocessor (MCU, microcontroller unit) clock example
- replacement of a crystal or ceramic resonator
1.
For reliable operation and to further improve immunity to harsh environment, the minimum 0.1 µF decoupling capacitor is
recommended to be placed as close as possible to the VCC and GND pins of the oscillator device. The whole oscillator
block should then be placed near the microprocessor clock input.
2.
To minimize standby current, no internal pull-up resistor to VCC is implemented on the CE input, thus the input level must
be permanently defined by the controlling signal. If the chip enable feature is not used, in active mode connect the CE pin
to VCC. In applications utilizing standby mode and where the CE pin is connected to the controlling I/O port of the clocked
microprocessor, for successful startup of the microprocessor at power-on, initial logic high level needs to be secured on the
CE pin to provide clock already during the power-on reset until the microprocessor program starts and the controlling I/O
port takes over the CE control.
AI12657d
STCL1xx0
1
5
3
4
2
CE (2)
VCC
NC
FOUT
GND
MCU
I/O
Xtal1
(OSC1,
OSCin)
Xtal2
(OSC2,
OSCout)
NC
VCC
5 V
GND
0.1 µF(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com