| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MOR283R3D bảng dữ liệu(PDF) 7 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MOR283R3D bảng dữ liệu(HTML) 7 Page - Interpoint Corporation Company |
|
7 / 24 page ![]() Angled corner and cover marking indicate pin one for cases U2 and V. Cover marking indicates pin one for cases W, Y, and Z. TOP VIEW MOR (Pin side, marked side) 1 2 3 4 5 6 12 11 10 9 8 7 Outline shown is case U2 pin out is the same for all cases. Available in a variety of packages See cases U2, V, W, Y and Z for dimensions. Figure 13: Pin out toP View pin out pin single output dual output 1 Positive Input Positive Input 2 Input Common Input Common 3 Trim Case 4 Inhibit 1 (INH1) Inhibit 1 (INH1) 5 Sync Out Sync Out 6 Sync In Sync In 7 Positive Output Positive Output 8 Output Common Output Common 9 Sense Return Negative Output 10 Positive Sense Trim 11 Share Share 12 Inhibit 2 (INH2) Inhibit 2 (INH2) pins not in use Case User’s discretion Inhibit (INH1, INH2) Leave unconnected Sense Line Must be connected to the appropriate outputs Sync In Connect to input common Sync Out Leave unconnected Share Leave unconnected Trim Leave unconnected Crane Aerospace & Electronics Power Solutions Mor single and dual dc/dc converters 28 Volt input – 120 Watt www.interpoint.com Page 7 of 24 MOR Rev K - 20100422 |