| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M48T201V-80MH1F bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48T201V-80MH1F bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 37 page ![]() M48T201Y, M48T201V Clock operation 21/37 In order to perform a software reset of the watchdog timer, the original timeout period can be written into the watchdog register, effectively restarting the countdown cycle. Should the watchdog timer time out, and the WDS bit is programmed to output an interrupt, a value of 00h needs to be written to the watchdog register in order to clear the IRQ/FT pin. This will also disable the watchdog function until it is again programmed correctly. A READ of the flags register will reset the watchdog flag (bit D7; register 7FFF0h). The watchdog function is automatically disabled upon power-down and the watchdog register is cleared. If the watchdog function is set to output to the IRQ/FT pin and the frequency test function is activated, the watchdog or alarm function prevails and the frequency test function is denied. Note: The user must transition the address (or toggle chip enable) to see the flag bit change. 3.7 Square wave output The M48T201Y/V offers the user a programmable square wave function which is output on the SQW pin. RS3-RS0 bits located in 7FFF0h establish the square wave output frequency. These frequencies are listed in Table 7. Once the selection of the SQW frequency has been completed, the SQW pin can be turned on and off under software control with the square wave enable bit (SQWE) located in register 7FFF6h. Table 7. Square wave output frequency Square wave bits Square wave RS3RS2 RS1RS0 Frequency Units 000 0 Hi-Z - 0 0 0 1 32.768 kHz 001 0 8.192 kHz 001 1 4.096 kHz 010 0 2.048 kHz 010 1 1.024 kHz 011 0 512 Hz 011 1 256 Hz 100 0 128 Hz 100 1 64 Hz 101 0 32 Hz 101 1 16 Hz 110 0 8 Hz 110 1 4 Hz 111 0 2 Hz 111 1 1 Hz |