| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9466N bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9466N bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 11 page ![]() Electrical specifications L9466 8/11 FSDC Field strobe duty cycle Regulator activated AND (regulation terminated OR regulation NOT initiated) 16 18.75 22 % LRC Load response control rate Field drive duty cycle increase 8.5 10 11.5 %/s FP-LRC LRC transition frequency LRC enabled if FP < FP-LRC 255 300 345 Hz SS Soft-start LRC enabled until VSP reached regardless other conditions 34 40 46 %/s Table 8. Regulation features (continued) Symbol Parameter Conditions Min. Typ. Max. Unit |