công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FE-CAP bảng dữ liệu(PDF) 3 Page - Kemet Corporation

tên linh kiện FE-CAP
Giải thích chi tiết về linh kiện  Fail-Safe Floating Electrode MLCCFE-CAP / X7R Dielectric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

FE-CAP bảng dữ liệu(HTML) 3 Page - Kemet Corporation

  FE-CAP Datasheet HTML 1Page - Kemet Corporation FE-CAP Datasheet HTML 2Page - Kemet Corporation FE-CAP Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
As detailed in the KEMET Surface Mount Catalog F3102 for X7R, with following specific requirements
based on room temperature (25°C) parameters:
•
Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 15% over that range.
•
Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 1,000
megohm microfarads or 100 gigohm, whichever is less.
•
Capacitance and Dissipation Factor (DF) measured at 1kHz and 1 Vrms.
DF Limits are:
These components are suitable for reflow and wave soldering. All parts incorporate the standard KEMET
barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resist-
ance to leaching.
These chips will be supplied unmarked. If required, they can be laser-marked as an extra option.
Details on the marking format are included in KEMET Surface Mount catalog F3102.
AEC-Q200 Rev. C - Automotive
RoHS 6 - 100% tin termination
In general, the information in the KEMET Surface Mount catalog F3102 applies to these
capacitors. The information in this bulletin supplements that in the catalog.
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C
0805
S
103
K
5
R
A
C
Style
C - Ceramic
Size Code
0402, 0603, 0805, 1206, 1210, 1812
Specification
S - Floating Electrode
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
Capacitance Tolerance
K = ±10%; M = ±20%; J = ±5%
Voltage
9 = 6.3V, 8 = 10V, 4 = 16V, 3 = 25V
5 = 50V, 1 = 100V, 2 = 200V, A = 250V
Temperature Characteristic
Designated by Capacitance
Change over Temperature Range
R – X7R (±15%) (-55°C +125°C)
End Metallization
C = 100% Tin Plated
L = 70Sn/30Pb Plated
Failure Rate Level
A = Not Applicable
Ordering Information
50 - 250 Volts
2.5%
16 - 25 Volts
3.5%
6.3 - 10 Volts
5.0%
Electrical Parameters
Soldering Process
Marking
Qualification/Certification



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com