| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IR3721 bảng dữ liệu(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IR3721 bảng dữ liệu(HTML) 7 Page - International Rectifier |
|
7 / 16 page ![]() IR3721 DATA SHEET Page 7 of 16 www.irf.com 09/15/08 TYPICAL 2-PHASE DCR SENSING APPLICATION The IR3721 is capable of monitoring power in a multiphase converter. A Two Phase DCR Sensing Circuit is shown below. The voltage output of any phase is equal to that of any and every other phase because they are electrically connected and monitored at VO as before. Output current is the sum of the two inductor currents (IL1 + IL2). Superposition is used to derive the transfer function for multiphase sensing. The voltage on RCS2 due to IL1 is ) || ( + ) || ( ⋅ ⋅ 3 2 1 3 2 1 1 CS CS CS CS CS L R R R R R DCR I Likewise, the voltage on RCS2 due to IL2 is ) || ( + ) || ( ⋅ ⋅ 1 2 3 1 2 2 2 CS CS CS CS CS L R R R R R DCR I The current through RCS2 due to both inductor currents is ICS. From the two equations above 3 2 3 1 2 1 1 2 2 3 1 1 CS CS CS CS CS CS CS L CS L CS R R R R R R R DCR I R DCR I I + + + = The duty ratio of DI is REF T CS DUTYRATIO V R I DI ⋅ = If DCR1=DCR2, and RCS1=RCS3, then ICS can be simplified to 2 1 1 2 1 2 CS CS L L CS R R DCR I I I + ⋅ ) + ( = and the DI duty ratio simplifies to Τ ⋅ ) + ( ⋅ ⋅ ) + ( = R 2 CS 1 CS T 2 L 1 L DUTYRATIO V R 2 R R DCR I I DI Full scale current occurs when DI duty ratio becomes one. Figure 3 Two Phase DCR Sensing Circuit |