công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9512BDP bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện PCA9512BDP
Giải thích chi tiết về linh kiện  Level shifting hot swappable I2C-bus and SMBus bus buffer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9512BDP bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button PCA9512BDP Datasheet HTML 3Page - NXP Semiconductors PCA9512BDP Datasheet HTML 4Page - NXP Semiconductors PCA9512BDP Datasheet HTML 5Page - NXP Semiconductors PCA9512BDP Datasheet HTML 6Page - NXP Semiconductors PCA9512BDP Datasheet HTML 7Page - NXP Semiconductors PCA9512BDP Datasheet HTML 8Page - NXP Semiconductors PCA9512BDP Datasheet HTML 9Page - NXP Semiconductors PCA9512BDP Datasheet HTML 10Page - NXP Semiconductors PCA9512BDP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PCA9512A_PCA9512B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 5 January 2011
7 of 24
NXP Semiconductors
PCA9512A; PCA9512B
Level shifting hot swappable I2C-bus and SMBus bus buffer
slew rate is slow enough that the output catches up it will still lag the falling voltage of the
input by the offset voltage. The maximum tPHL occurs when the input is driven LOW with
zero delay and the output is still limited by its turn-on delay and the falling edge slew rate.
The output falling edge slew rate is a function of the internal maximum slew rate which is
a function of temperature, VCC or VCC2 and process, as well as the load current and the
load capacitance.
8.5 Rise time accelerators
During positive bus transactions, a 2 mA current source is switched on to quickly slew the
SDA and SCL lines HIGH once the input level of 0.6 V for the PCA9512A/B is exceeded.
The rising edge rate should be at least 1.25 V/
μs to guarantee turn on of the accelerators.
The built-in
ΔV/Δt rise time accelerators on all SDA and SCL lines requires the bus pull-up
voltage and respective supply voltage (VCC or VCC2) to be the same. The built-in ΔV/Δt
rise time accelerators can be disabled through the ACC pin for lightly loaded systems.
8.6 ACC boost current enable
Users having lightly loaded systems may wish to disable the rise time accelerators.
Driving this pin to ground turns off the rise time accelerators on all four SDAn and SCLn
pins. Driving this pin to the VCC2 voltage enables normal operation of the rise time
accelerators.
8.7 Resistor pull-up value selection
The system pull-up resistors must be strong enough to provide a positive slew rate of
1.25 V/
μs on the SDAn and SCLn pins, in order to activate the boost pull-up currents
during rising edges. Choose maximum resistor value using the formula given in
Equation 1:
(1)
where RPU is the pull-up resistor value in Ω, VCC(min) is the minimum VCC voltage in volts,
and C is the equivalent bus capacitance in picofarads.
In addition, regardless of the bus capacitance, always choose RPU ≤ 65.7 kΩ for
VCC = 5.5 V maximum, RPU ≤ 45 kΩ for VCC = 3.6 V maximum. The start-up circuitry
requires logic HIGH voltages on SDAOUT and SCLOUT to connect the backplane to the
card, and these pull-up values are needed to overcome the precharge voltage. See the
curves in Figure 5 and Figure 6 for guidance in resistor pull-up selection.
R
PU
800
10
3 VCC min
()
0.6
–
C
-----------------------------------
⎝⎠
⎛⎞
×
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com