| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATR4253 bảng dữ liệu(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATR4253 bảng dữ liệu(HTML) 4 Page - ATMEL Corporation |
|
4 / 9 page ![]() 4 9194CS–AUDR–10/10 Atmel ATR4253 3.3 Supply Voltage Regulator The driving voltage for an external power transistor is provided by an integrated regulator circuit. An overvoltage protection circuit detects overvoltage condition and switches off the amplifier and AGC circuit in order to reduce current consumption and avoid thermal overload. 3.4 Antenna Sensor The Atmel ® ATR4253 provides a built-in antenna sensor that detects if the antenna is properly connected to the amplifier module. If no antenna is detected, the amplifier and AGC circuit are switched off to signal this error via supply current reduction to the unit that provides and moni- tors the supply current for the antenna amplifier (e.g., the car radio). |