| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE8104E bảng dữ liệu(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8104E bảng dữ liệu(HTML) 22 Page - Infineon Technologies AG |
|
22 / 27 page ![]() Data Sheet 22 V1.4, 2010-04-26 TLE8104E Smart Quad Channel Powertrain Switch SPI Control 6.1.6 Example: All Other Command Words All other control words except for Diagnosis Only, Read Back Input and Echo Function will be accepted as an OR or an AND command with valid data bits, depending on the Boolean operation which was previously programmed (see Figure 19). Figure 19 All Other Command Words (with previously programmed AND command) Standard Diagnosis CS CH3 1 CH30 CH2 1 CH20 CH1 1 CH10 CH4 0 CH4 1 t t t 11 CH4 IN CH3IN CH2IN CH1IN 1 1 X X XX XX X X SI SO AND with INn signals XX CH4 IN CH3IN CH2IN CH1IN X X AND with INn signals BOL set to AND 11 CH4 IN CH3IN CH2IN CH1IN 1 1 |