| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE6250 bảng dữ liệu(PDF) 25 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6250 bảng dữ liệu(HTML) 25 Page - Infineon Technologies AG |
|
25 / 26 page ![]() TLE6250 Data Sheet 25 Rev. 4.0, 2008-04-28 Package Outlines Figure 11 PG-DSO-8 (PG-DSO-8-16 Plastic Dual Small Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 0.35 x 45˚ 1) -0.2 4 C 0.64 ±0.2 6 ±0.25 0.2 8x M C 1.27 +0.1 0.41 0.2 M A -0.06 B 8x B 2) Index Marking 5-0.2 1) 4 1 85 A 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area GPS01181 0.1 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm SMD = Surface Mounted Device |