công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8254SVT1000B bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8254SVT1000B
Giải thích chi tiết về linh kiện  Quad-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8254SVT1000B bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MSC8254SVT1000B Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8254SVT1000B Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8254SVT1000B Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8254SVT1000B Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8254SVT1000B Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8254SVT1000B Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8254SVT1000B Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8254SVT1000B Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8254SVT1000B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
MSC8254 Quad-Core Digital Signal Processor Data Sheet, Rev. 2
Freescale Semiconductor
2
Table of Contents
1
Pin Assignment. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
1.1
FC-PBGA Ball Layout Diagram. . . . . . . . . . . . . . . . . . . .4
1.2
Signal List By Ball Location. . . . . . . . . . . . . . . . . . . . . . .5
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
2.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
2.2
Recommended Operating Conditions. . . . . . . . . . . . . .24
2.3
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .25
2.4
CLKIN Requirements . . . . . . . . . . . . . . . . . . . . . . . . . .25
2.5
DC Electrical Characteristics . . . . . . . . . . . . . . . . . . . .26
2.6
AC Timing Characteristics. . . . . . . . . . . . . . . . . . . . . . .37
3
Hardware Design Considerations . . . . . . . . . . . . . . . . . . . . . .53
3.1
Power Supply Ramp-Up Sequence . . . . . . . . . . . . . . .53
3.2
PLL Power Supply Design Considerations . . . . . . . . . .56
3.3
Clock and Timing Signal Board Layout Considerations 57
3.4
SGMII AC-Coupled Serial Link Connection Example . .58
3.5
Connectivity Guidelines . . . . . . . . . . . . . . . . . . . . . . . .58
3.6
Guide to Selecting Connections for Remote Power
Supply Sensing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
4
Ordering Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .64
5
Package Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .65
6
Product Documentation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .66
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .66
List of Figures
Figure 1. MSC8254 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . 3
Figure 2. StarCore SC3850 DSP Subsystem Block Diagram . . . . 3
Figure 3. MSC8254 FC-PBGA Package, Top View . . . . . . . . . . . . 4
Figure 4. Differential Voltage Definitions for Transmitter or
Receiver . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 5. Receiver of SerDes Reference Clocks . . . . . . . . . . . . . 30
Figure 6. SerDes Transmitter and Receiver Reference Circuits . 31
Figure 7. Differential Reference Clock Input DC Requirements
(External DC-Coupled) . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 8. Differential Reference Clock Input DC Requirements
(External AC-Coupled) . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 9. Single-Ended Reference Clock Input DC Requirements 32
Figure 10.SGMII Transmitter DC Measurement Circuit . . . . . . . . . 34
Figure 11.DDR2 and DDR3 SDRAM Interface Input Timing
Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 12.MCK to MDQS Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 13.DDR SDRAM Output Timing . . . . . . . . . . . . . . . . . . . . . 40
Figure 14.DDR2 and DDR3 Controller Bus AC Test Load. . . . . . . 40
Figure 15.DDR2 and DDR3 SDRAM Differential Timing
Specifications. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 16.Differential Measurement Points for Rise and Fall Time 42
Figure 17.Single-Ended Measurement Points for Rise and Fall Time
Matching . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 18.Single Frequency Sinusoidal Jitter Limits . . . . . . . . . . . 44
Figure 19.SGMII AC Test/Measurement Load . . . . . . . . . . . . . . . . 45
Figure 20.TDM Receive Signals . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 21.TDM Transmit Signals . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 22.TDM AC Test Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 23.Timer AC Test Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 24.MII Management Interface Timing . . . . . . . . . . . . . . . . . 48
Figure 25.RGMII AC Timing and Multiplexing . . . . . . . . . . . . . . . . 49
Figure 26.SPI AC Test Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 27.SPI AC Timing in Slave Mode (External Clock). . . . . . . 50
Figure 28.SPI AC Timing in Master Mode (Internal Clock) . . . . . . 50
Figure 29.Test Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 30.Boundary Scan (JTAG) Timing . . . . . . . . . . . . . . . . . . . 52
Figure 31.Test Access Port Timing . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 32.TRST Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 33.Supply Ramp-Up Sequence with VDD Ramping Before
VDDIO and CLKIN Starting With VDDIO . . . . . . . . . . . . . 53
Figure 34.Supply Ramp-Up Sequence . . . . . . . . . . . . . . . . . . . . . 54
Figure 35.Reset Connection in Functional Application . . . . . . . . . 56
Figure 36.Reset Connection in Debugger Application . . . . . . . . . . 56
Figure 37.PLL Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 38.SerDes PLL Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 42.4-Wire AC-Coupled SGMII Serial Link Connection
Example. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 40.MSC8254 Mechanical Information, 783-ball FC-PBGA
Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com