| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSR91B565KM bảng dữ liệu(PDF) 4 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR91B565KM bảng dữ liệu(HTML) 4 Page - Kemet Corporation |
|
4 / 38 page ![]() TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE, T212 (CSR13) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 7 KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C 2.2 A 5,10,20 T110A225(1)006AS 0.3 4 2.7 A 5,10,20 T110A275(1)006AS 0.3 4 3.3 A 5,10,20 T110A335(1)006AS 0.3 4 3.9 A 5,10,20 T110A395(1)006AS 0.3 4 4.7 A 5,10,20 T110A475(1)006AS 0.3 4 5.6 A 5 T110A565J006AS 0.3 4 5001 5201 5401 5601 6001 7001 8001 T212A565J006(2)S 5.6 A 10 T110A565K006AS 0.3 4 2241 2481 2721 2961 6002 7002 8002 T212A565K006(2)S 5.6 A 20 T110A565M006AS 0.3 4 6.8 A 5 T110A685J006AS 0.3 6 5002 5202 5402 5602 6003 7003 8003 T212A685J006(2)S 6.8 A 10 T110A685K006AS 0.3 6 2242 2482 2722 2962 6004 7004 8004 T212A685K006(2)S 6.8 A 20 T110A685M006AS 0.3 6 2243 2483 2723 2963 6005 7005 8005 T212A685M006(2)S 8.2 B 5,10,20 T110B825(1)006AS 0.3 6 10.0 B 5,10,20 T110B106(1)006AS 0.3 6 12.0 B 5,10,20 T110B126(1)006AS 0.5 6 15.0 B 5,10,20 T110B156(1)006AS 0.9 6 18.0 B 5,10,20 T110B186(1)006AS 0.9 6 22.0 B 5,10,20 T110B226(1)006AS 0.9 6 27.0 B 5,10,20 T110B276(1)006AS 0.9 6 33.0 B 5,10,20 T110B336(1)006AS 0.9 6 39.0 B 5,10,20 T110B396(1)006AS 0.9 6 47.0 B 5 T110B476J006AS 1.5 6 5003 5203 5403 5603 6006 7006 8006 T212B476J006(2)S 47.0 B 10 T110B476K006AS 1.5 6 2244 2484 2724 2964 6007 7007 8007 T212B476K006(2)S 47.0 B 20 T110B476M006AS 1.5 6 2245 2485 2725 2965 6008 7008 8008 T212B476M006(2)S 56.0 B 5 T110B566J006AS 1.5 6 5004 5204 5404 5604 6009 7009 8009 T212B566J006(2)S 56.0 B 10 T110B566K006AS 1.5 6 2246 2486 2726 2966 6010 7010 8010 T212B566K006(2)S 56.0 B 20 T110B566M006AS 1.5 6 68.0 C 5,10,20 T110C686(1)006AS 3.0 6 82.0 C 5,10,20 T110C826(1)006AS 3.0 6 100.0 C 5,10,20 T110C107(1)006AS 3.0 6 120.0 C 5,10,20 T110C127(1)006AS 3.0 6 150.0 C 5 T110C157J006AS 4.5 6 5005 5205 5405 5605 6011 7011 8011 T212C157J006(2)S 150.0 C 10 T110C157K006AS 4.5 6 2247 2487 2727 2967 6012 7012 8012 T212C157K006(2)S 150.0 C 20 T110C157M006AS 4.5 6 2248 2488 2728 2968 6013 7013 8013 T212C157M006(2)S 180.0 C 5 T110C187J006AS 5.5 6 5006 5206 5406 5606 6014 7014 8014 T212C187J006(2)S 180.0 C 10 T110C187K006AS 5.5 6 2249 2489 2729 2969 6015 7015 8015 T212C187K006(2)S 180.0 C 20 T110C187M006AS 5.5 6 220.0 D 5,10,20 T110D227(1)006AS 6.0 8 270.0 D 5 T110D277J006AS 6.0 8 5007 5207 5407 5607 6016 7016 8016 T212D277J006(2)S 270.0 D 10 T110D277K006AS 6.0 8 2250 2490 2730 2970 6017 7017 8017 T212D277K006(2)S 270.0 D 20 T110D277M006AS 6.0 8 330.0 D 5 T110D337J006AS 7.5 8 5008 5208 5408 5608 6018 7018 8018 T212D337J006(2)S 330.0 D 10 T110D337K006AS 7.5 8 2251 2491 2731 2971 6019 7019 8019 T212D337K006(2)S 330.0 D 20 T110D337M006AS 7.5 8 2252 2492 2732 2972 6020 7020 8020 T212D337M006(2)S 10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C 1.0 A 5,10,20 T110A105(1)010AS 0.3 3 1.2 A 5,10,20 T110A125(1)010AS 0.3 4 1.5 A 5,10,20 T110A155(1)010AS 0.3 4 1.8 A 5,10,20 T110A185(1)010AS 0.3 4 2.2 A 5,10,20 T110A225(1)010AS 0.3 4 2.7 A 5,10,20 T110A275(1)010AS 0.3 4 3.3 A 5,10,20 T110A335(1)010AS 0.3 4 3.9 A 5 T110A395J 010AS 0.3 4 5009 5209 5409 5609 6021 7021 8021 T212A395J010(2)S 3.9 A 10 T110A395K 010AS 0.3 4 2253 2493 2733 2973 6022 7022 8022 T212A395K010(2)S 3.9 A 20 T110A395M 010AS 0.3 4 4.7 A 5 T110A475J 010AS 0.4 4 5010 5210 5410 5610 6023 7023 8023 T212A475J010(2)S 4.7 A 10 T110A475K 010AS 0.4 4 2254 2494 2734 2974 6024 7024 8024 T212A475K010(2)S 4.7 A 20 T110A475M010AS 0.4 4 2255 2495 2735 2975 6025 7025 8025 T212A475M010(2)S RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. |