công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8154ESVT1000B bảng dữ liệu(PDF) 55 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8154ESVT1000B
Giải thích chi tiết về linh kiện  Quad-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154ESVT1000B bảng dữ liệu(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MSC8154ESVT1000B Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
Hardware Design Considerations
MSC8154E Quad-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Freescale Semiconductor
55
Notes: 1.
If the M3 memory is not used, M3VDD can be tied to GND.
2.
If the MAPLE-B is not used, MVDD can be tied to GND.
3.
If the HSSI port1 is not used, SXCVDD1and SXPVDD1 must be connected to the designated power supplies.
4.
If the HSSI port2 is not used, SXCVDD2 and SXPVDD2 must be connected to the designated power supplies.
5.
If the DDR port 1 interface is not used, it is recommended that GVDD1 be left unconnected.
6.
If the DDR port 2 interface is not used, it is recommended that GVDD2 be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68