| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4471G bảng dữ liệu(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4471G bảng dữ liệu(HTML) 22 Page - Infineon Technologies AG |
|
22 / 24 page ![]() Data Sheet 22 Rev. 1.6, 2009-02-03 TLE 4471 Package Outlines Figure 8 Power PG-DSO-20 (Plastic Dual Small Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). Heatslug 1 10 1 10 Index Marking Does not include plastic or metal protrusion of 0.15 max. per side 1 x 45˚ (Mold) 15.9 1) ±0.15 A -0.2 (Metal) 13.7 +0.13 0.4 20 11 0.25 M A 1.27 1.1 ±0.1 (Heatslug) 15.74 ±0.1 0.25 Heatslug (Mold) 20x 11 14.2 ±0.3 20 0.95 0.1 6.3 ±0.15 2.8 11 1) B B ±0.15 1) Bottom View GPS05791 Find all of our packages, sorts of packing and others in our Infineon Internet Page “Packages”: http://www.infineon.com/packages. Dimensions in mm SMD = Surface Mounted Device |