| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4290 bảng dữ liệu(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4290 bảng dữ liệu(HTML) 10 Page - Infineon Technologies AG |
|
10 / 17 page ![]() Data Sheet 10 Rev. 1.7, 2007-03-20 TLE 4290 The power good reaction time t rr is the time it takes the voltage regulator to set power good output PG LOW after the output voltage has dropped below the power good switching threshold. It is typically 0.5 μs for delay capacitor of 47 nF. For other values for C D the reaction time can be estimated using the following equation: t rr = 10 ns/nF × CD (2) The Power Good output is an open collector output. It requires externally a pull-up resistor of at least 5 k Ω to Q. |