| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSC8151 bảng dữ liệu(PDF) 55 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8151 bảng dữ liệu(HTML) 55 Page - Freescale Semiconductor, Inc |
|
55 / 68 page ![]() Hardware Design Considerations MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1 Freescale Semiconductor 55 Notes: 1. If the M3 memory is not used, M3VDD can be tied to GND. 2. If the MAPLE-B is not used, MVDD can be tied to GND. 3. If the HSSI port1 is not used, SXCVDD1and SXPVDD1 must be connected to the designated power supplies. 4. If the HSSI port2 is not used, SXCVDD2 and SXPVDD2 must be connected to the designated power supplies. 5. If the DDR port 1 interface is not used, it is recommended that GVDD1 be left unconnected. 6. If the DDR port 2 interface is not used, it is recommended that GVDD2 be left unconnected. |