| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TEF6902A bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEF6902A bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 106 page ![]() TEF6902A_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 19 March 2008 13 of 106 NXP Semiconductors TEF6902A Integrated car radio 8.1 Read mode Application restriction to use the read mode: Read transmissions should not be stopped after read byte 4 (IFBW) since this will disturb level read-out, weak signal processing and bandwidth control. Read transmission can be stopped after any of the other read bytes 0 to 3, 5 or 6. The read data is loaded into the I2C-bus output register at the ACK clock pulse preceding the data byte. Table 4. Description of I2C-bus format Code Description S START condition Slave address W 1100 0000b for pin ADDR grounded 1100 0010b for pin ADDR floating Slave address R 1100 0001b for pin ADDR grounded 1100 0011b for pin ADDR floating ACK-s acknowledge generated by the slave ACK-m acknowledge generated by the master NA not acknowledge generated by the master MSA mode and subaddress byte Data data byte P STOP condition Table 5. Read register overview Data byte Name Reference 0 IFCOUNTER Section 8.1.1 1 LEVEL Section 8.1.2 2 USN/WAM Section 8.1.3 3 MOD Section 8.1.4 4 IFBW Section 8.1.5 5ID Section 8.1.6 6 TEMP Section 8.1.7 |