| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C642/C643 bảng dữ liệu(PDF) 9 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C642/C643 bảng dữ liệu(HTML) 9 Page - Kemet Corporation |
|
9 / 14 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 12 CERAMIC CONFORMALLY COATED/AXIAL “AXIMAX” ULTRA-STABLE TEMPERATURE CHARACTERISTIC — C0G/NP0 RATINGS & PART NUMBER REFERENCE For packaging information, see pages 46 and 48. 50 100 200 50 100 200 50 100 200 50 100 200 50 100 200 1.0pF 109 C,D 1.5 159 C,D 1.8 189 C,D 2.2 229 C,D 2.7 279 C,D 3.3 339 C,D 3.9 399 C,D 4.7 479 C,D 5.6 569 C,D 6.8 689 C,D 8.2 829 C,D 10 100 J,K,M 12 120 J,K,M 15 150 J,K,M 18 180 J,K,M 22 220 J,K,M 27 270 J,K,M 33 330 J,K,M 39 390 J,K,M 47 470 J,K,M 56 560 J,K,M 68 680 J,K,M 82 820 J,K,M 100 101 J,K,M 120 121 J,K,M 150 151 J,K,M 180 181 J,K,M 220 221 J,K,M 270 271 J,K,M 330 331 J,K,M 390 391 J,K,M 470 471 J,K,M 560 561 J,K,M 680 681 J,K,M 820 821 J,K,M 1000 102 J,K,M 1200 122 J,K,M 1500 152 J,K,M 1800 182 J,K,M 2200 222 J,K,M 2700 272 J,K,M 3300 332 J,K,M 3900 392 J,K,M 4700 472 J,K,M 5600 562 J,K,M 6800 682 J,K,M 8200 822 J,K,M .010uF 103 J,K,M .012 123 J,K,M .015 153 J,K,M Cap Cap Code Cap Tol Style WVDC WVDC WVDC WVDC WVDC C440 C412 C410 C430 C420 |