công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22670Q bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM22670Q
Giải thích chi tiết về linh kiện  3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22670Q bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI)

  LM22670Q Datasheet HTML 1Page - National Semiconductor (TI) LM22670Q Datasheet HTML 2Page - National Semiconductor (TI) LM22670Q Datasheet HTML 3Page - National Semiconductor (TI) LM22670Q Datasheet HTML 4Page - National Semiconductor (TI) LM22670Q Datasheet HTML 5Page - National Semiconductor (TI) LM22670Q Datasheet HTML 6Page - National Semiconductor (TI) LM22670Q Datasheet HTML 7Page - National Semiconductor (TI) LM22670Q Datasheet HTML 8Page - National Semiconductor (TI) LM22670Q Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagrams
30076040
8-Lead Plastic PSOP-8 Package
NS Package Number MRA08B
30076002
7-Lead Plastic TO-263 THIN Package
NS Package Number TJ7A
Ordering Information
Output
Voltage
Order Number
Package Type
NSC Package
Drawing
Supplied As
Features
ADJ
LM22670MR-ADJ
PSOP-8 Exposed Pad
MRA08B
95 Units in Rails
ADJ
LM22670MRE-ADJ
250 Units in Tape and Reel
ADJ
LM22670MRX-ADJ
2500 Units in Tape and Reel
ADJ
LM22670QMR-ADJ
95 Units in Rails
AEC-Q100 Grade 1
qualified. Automotive
Grade Production
Flow*
ADJ
LM22670QMRE-ADJ
250 Units in Tape and Reel
ADJ
LM22670QMRX-ADJ
2500 Units in Tape and Reel
ADJ
LM22670TJE-ADJ
TO-263 THIN Exposed
Pad
TJ7A
250 Units in Tape and Reel
ADJ
LM22670TJ-ADJ
1000 Units in Tape and Reel
ADJ
LM22670QTJE-ADJ
250 Units in Tape and Reel
AEC-Q100 Grade 1
qualified. Automotive
Grade Production
Flow*
ADJ
LM22670QTJ-ADJ
1000 Units in Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20