công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMPC8567CVTAQJGA bảng dữ liệu(PDF) 98 Page - Freescale Semiconductor, Inc

tên linh kiện KMPC8567CVTAQJGA
Giải thích chi tiết về linh kiện  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8567CVTAQJGA bảng dữ liệu(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button KMPC8567CVTAQJGA Datasheet HTML 94Page - Freescale Semiconductor, Inc KMPC8567CVTAQJGA Datasheet HTML 95Page - Freescale Semiconductor, Inc KMPC8567CVTAQJGA Datasheet HTML 96Page - Freescale Semiconductor, Inc KMPC8567CVTAQJGA Datasheet HTML 97Page - Freescale Semiconductor, Inc KMPC8567CVTAQJGA Datasheet HTML 98Page - Freescale Semiconductor, Inc KMPC8567CVTAQJGA Datasheet HTML 99Page - Freescale Semiconductor, Inc KMPC8567CVTAQJGA Datasheet HTML 100Page - Freescale Semiconductor, Inc KMPC8567CVTAQJGA Datasheet HTML 101Page - Freescale Semiconductor, Inc KMPC8567CVTAQJGA Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
98
Freescale Semiconductor
HDLC, BISYNC, Transparent and Synchronous UART
Figure 66 through Figure 67 represent the AC timing from Table 76. Note that although the specifications
generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge
is the active edge.
Figure 66 shows the timing with external clock.
Figure 66. AC Timing (External Clock) Diagram
Figure 67 shows the timing with internal clock.
Figure 67. AC Timing (Internal Clock) Diagram
Serial CLK (input)
tHEIXKH
tHEIVKH
tHEKHOV
Input Signals:
(See Note)
Output Signals:
(See Note)
tHEKHOX
Note: The clock edge is selectable
Serial CLK (output)
tHIIXKH
tHIKHOV
Input Signals:
(See Note)
Output Signals:
(See Note)
tHIIVKH
tHIKHOX
Note: The clock edge is selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com